PART |
Description |
Maker |
C3064 |
TYPE CMP / CL3P
|
General Cable Technolog...
|
C3113 |
TYPE CMP / CL3P
|
General Cable Technologies Corporation
|
C3121 |
TYPE CMP / CL3P
|
General Cable Technolog...
|
C3062 |
TYPE CMP / CL3P
|
General Cable Technolog...
|
C3116 |
TYPE CMP / CL3P
|
General Cable Technologies Corporation
|
C3114 |
TYPE CMP / CL3P
|
General Cable Technologies Corporation
|
C3031 |
TYPE CMP LOW-CAP CABLE
|
General Cable Technologies Corporation
|
C3364 |
4P 18 7/26 BC FLEX OAS PVDF TYPE CL2P / CMP
|
General Cable Technologies Corporation
|
09-01-1128 |
KK 156 Cmp Hsg Edge Card Rib 12ckt 12 CONTACT(S), FEMALE, SINGLE PART CARD EDGE CONN, CRIMP
|
Molex, Inc.
|
DRT107V040F048A DRT117V040F052 DRT127V040F056A DRD |
CYLINDRICAL TYPE DIELECTRIC RESONATOR, 5340 MHz - 5740 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 4890 MHz - 5340 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 4480 MHz - 4890 MHz DISC TYPE DIELECTRIC RESONATOR, 3440 MHz - 3740 MHz DISC TYPE DIELECTRIC RESONATOR, 4060 MHz - 4420 MHz DISC TYPE DIELECTRIC RESONATOR, 6170 MHz - 6710 MHz DISC TYPE DIELECTRIC RESONATOR, 5220 MHz - 5680 MHz DISC TYPE DIELECTRIC RESONATOR, 7300 MHz - 7930 MHz DISC TYPE DIELECTRIC RESONATOR, 7930 MHz - 8640 MHz DISC TYPE DIELECTRIC RESONATOR, 6710 MHz - 7300 MHz DISC TYPE DIELECTRIC RESONATOR, 2910 MHz - 3160 MHz DISC TYPE DIELECTRIC RESONATOR, 4420 MHz - 4800 MHz CYLINDRICAL TYPE DIELECTRIC RESONATOR, 3450 MHz - 3760 MHz DISC TYPE DIELECTRIC RESONATOR, 3160 MHz - 3440 MHz DISC TYPE DIELECTRIC RESONATOR, 11100 MHz - 12070 MHz
|
MURATA MANUFACTURING CO LTD
|
341409N00 341109N02 341410N03 337110N03 331110N03 |
Thumbwheel Switches 指轮开 Eurocard Type C and Enhanced Type C Connectors .100 Centerline - 3 Row; 032 EURO TYPE C RECEPT ST ASSY ( AMP ) 指轮开
|
ITT, Corp.
|
1M110ZS10 1M120ZS10 1M130ZS10 1M150ZS10 1M160ZS10 |
1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 4.3 V. -1% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 4.7 V. -5% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 4.3 V. -5% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 3.9 V. -2% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 3.6 V. -1% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 3.3 V. -2% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 3.3 V. -1% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 200 V. 2% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 160 V. 1% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 130 V. 2% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 180 V. 2% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 150 V. 1% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 110 V. 1% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 160 V. 5% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 130 V. 5% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 120 V. 5% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 120 V. 2% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 120 V. 1% tolerance. 1.0 WATT SURMETIC 30 SILICON ZENER DIODES 4 PR #24 DATATWIST PVC 1701A CMP 4BP24 BK 1000F REELEX 1701A CMP 4BP24 GY 1000F SP 1.0瓦SURMETIC 30硅稳压二极管 Low Current Operation at 250 ,Low Reverse Leakage,Low Noise Zener Diode 250 的低电流运算,低反向泄露,低噪声稳压二极 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 110 V. 5% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 150 V. 5% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 200 V. 5% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 180 V. 5% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 130 V. 1% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 110 V. 2% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 160 V. 2% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 200 V. 1% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 150 V. 2% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 180 V. 1% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 3.3 V. -5% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 3.6 V. -2% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 3.9 V. -5% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 3.9 V. -1% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 4.3 V. -2% tolerance. 1.0 watt Surmetic 30 silicon zener diode. Nom zener voltage 4.7 V. -2% tolerance.
|
MOTOROLA[Motorola, Inc] MOTOROLA[Motorola Inc] Motorola, Inc. Motorola Mobility Holdings, Inc.
|